Part Number Hot Search : 
BU252 W12NK 15PFI P6100 DTC643TK A222MP SEF203B PA607UA
Product Description
Full Text Search
 

To Download APE2712CGCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.7x1.2mm SMD CHIP LED LAMP
APE2712CGCK
GREEN
Features
2.7mmx1.2mm SMT LED,1.3mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE :2000PCS / REEL. RoHS COMPLIANT.
Description
The Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAB1737 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/15/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 4 ERP:1203001093
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APE2712CGCK GREEN (InGaAIP) WATER CLEAR 10 Typ. 40 Viewing Angle 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 574 570 20 15 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Green 105 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAB1737 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/15/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 4 ERP:1203001093
Green
APE2712CGCK
SPEC NO: DSAB1737 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/15/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 4 ERP:1203001093
APE2712CGCK
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage,luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAB1737 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/15/2005 DRAWN: W.J.ZHU
PAGE: 4 OF 4 ERP:1203001093


▲Up To Search▲   

 
Price & Availability of APE2712CGCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X